| Moteur de recherche de fiches techniques de composants électroniques |
|
KFCWDF110 Fiches technique(PDF) 1 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
KFCWDF110 Fiches technique(HTML) 1 Page - GIACOMINI WATER E-MOTION |
|
1 / 5 page ![]() 1 Giacomini S.p.A. Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italy consulenza.prodotti@giacomini.com +39 0322 923111 - giacomini.com KFC-WD Datasheet 1125EN 02/2025 Fan coil for wall down installation High-efficiency fan coil with slim exposed cabinet for wall down installation. With its refined design for residential installation, this fan coil provides heating, cooling and dehumidification when combined to heat pumps. It features a tangential fan with asymmetrical blades and an exchanger with a wide front surface to provide air flows with low losses of pressure and great quietness. Main features • 5 different output versions • 2-pipe version, with left-side or right-side connections • Modulated air flow for effective, imperceptible and noiseless movements • Motor with DC inverter technology for very low energy consumptions and state-of-the-art operational stability • Electronic boards for wall-mount remote control with fix or modulating speed, 0..10 V analogic outlet • RAL 9003 white |
Numéro de pièce similaire - KFCWDF110 |
|
Description similaire - KFCWDF110 |