Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74V1T03C Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce 74V1T03C
Description  SINGLE 2-INPUT OPEN DRAIN NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T03C Fiches technique(HTML) 5 Page - STMicroelectronics

  74V1T03C Datasheet HTML 1Page - STMicroelectronics 74V1T03C Datasheet HTML 2Page - STMicroelectronics 74V1T03C Datasheet HTML 3Page - STMicroelectronics 74V1T03C Datasheet HTML 4Page - STMicroelectronics 74V1T03C Datasheet HTML 5Page - STMicroelectronics 74V1T03C Datasheet HTML 6Page - STMicroelectronics 74V1T03C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.90
1.45
35.4
57.1
A1
0.00
0.15
0.0
5.9
A2
0.90
1.30
35.4
51.2
b
0.35
0.50
13.7
19.7
C
0.09
0.20
3.5
7.8
D
2.80
3.00
110.2
118.1
E
2.60
3.00
102.3
118.1
E1
1.50
1.75
59.0
68.8
L
0.35
0.55
13.7
21.6
e
0.95
37.4
e1
1.9
74.8
SOT23-5L MECHANICAL DATA
74V1T03
5/7



Html Pages

1 2 3 4 5 6 7