| Moteur de recherche de fiches techniques de composants électroniques |
|
PEX8548 Fiches technique(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8548 Fiches technique(HTML) 3 Page - PLX Technology |
|
3 / 4 page ![]() Figure 2 shows a typical server-based design where the root complex provides a PCI Express link that needs to be expanded to a larger number of smaller ports for a variety of I/O functions. In this example, the PEX 8548 would have a 16-lane upstream port, and as many as six x8 or x4 downstream ports. The PEX 8548 will also auto-negotiate down to x2 and x1 lane widths to support endpoints requiring smaller links. Peer-to-Peer & Backplane Usage The PEX 8548 is also suitable for peer-to-peer applications such as switch fabrics and backplanes. Figure 3 represents a backplane where the device provides peer-to-peer data exchange for a large number of line cards where the CPU/Host plays the management role. x8 Power PC Power PC Power PC Power PC x8 PEX 8548 PEX 8548 PEX 8548 PEX 8548 I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O x8 x8 x8 x8 x8 Figure 3. Peer-to-Peer/Backplane Usage Graphics Fan-out Switch The PEX 8548 offers three port configurations which are optimal for High resolution 3D graphics applications. Dual-graphics, high-resolution gaming, high resolution scientific use, and image processing can benefit from its performance features. Figure 4 illustrates usage of the device in a dual graphics gaming application where two GPUs drive a single monitor for the ultimate gaming experience. The upstream x16 port links to the Root Complex and the two downstream ports connect to the graphics modules. The peer-to-peer support of the PEX 8548 allows the two GPU modules to communicate with each other for maximum performance. GPU GPU GPU GPU GPU GPU GPU GPU GPU GPU GPU GPU PEX 8548 PEX 8548 PEX 8548 PEX 8548 CPU CPU CPU CPU x16 x16 Root Complex Root Complex Root Complex Root Complex x16 Figure 4. Dual Graphics Fan-out Blade Server Switch Fabric The PEX 8548 can be cascaded to create an even greater number of ports. For example, in a Blade Server application, two PEX 8548 switches can be combined to support up to sixteen blades (Figure 5). The switches can be linked to available PCI Express ports. The PEX 8508 switch can isolate each CPU blade using its Non- Transparent Bridging function. PEX 8548 PEX 8548 PEX 8548 PEX 8548 14 CPU Blades 2 I/O Blades CPU Blade CPU Blade CPU CPU CPU CPU CPU CPU Root Complex Root Complex PEX 8508 PEX 8508 NT PEX 8548 PEX 8548 PEX 8548 PEX 8548 Figure 5. Blade Server The number of ports and port widths can be configured as needed. This example assumes a x4 link to each CPU blade and a x8 link to the I/O blades. The link between the two PEX 8548 devices is x8 lanes wide. |