| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7262 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7262 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 139 page ![]() ST7262 23/139 Figure 19. Reset Block Diagram Note: The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the device can be damaged when the ST7 generates an internal reset (LVD or watchdog). RESET RON VDD WATCHDOG RESET LVD RESET INTERNAL RESET PULSE GENERATOR 200ns Filter tw(RSTL)out + 128 fOSC delay |