| Moteur de recherche de fiches techniques de composants électroniques |
|
0603CS-R27XHRU Fiches technique(PDF) 2 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
0603CS-R27XHRU Fiches technique(HTML) 2 Page - Coilcraft lnc. |
|
2 / 2 page ![]() Specifications subject to change without notice. Please check our website for latest information. US +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com UK +886-2-2264 3646 sales@coilcraft.com.tw Taiwan +86-21-6218 8074 sales@coilcraft.com.cn China + 65-6484 8412 sales@coilcraft.com.sg Singapore © Coilcraft Inc. 2024 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. AEC Q200 125°C + Halogen Free 0603CS Series (1608) Document 195-2 Revised 06/26/24 Document 195-2 SRF DCR Inductance2 Percent Q 900 MHz 1.7 GHz min5 max6 Irms7 Color Part number1 (nH) tolerance3 min4 L typ Q typ L typ Q typ (GHz) (Ohms) (mA) dot8 0603CS-1N6XJR_ 1.6 @ 250 MHz 5 24 1.67 49 1.65 63 12.5 0.030 700 Red 0603CS-1N8XJR_ 1.8 @ 250 MHz 5 16 1.83 35 1.86 50 12.5 0.045 700 Black 0603CS-2N2XJR_ 2.2 @ 250 MHz 5 13 2.22 31 2.24 44 12.5 0.250 100 Yellow 0603CS-3N3X_R_ 3.3 @ 250 MHz 5,3,2 35 3.31 75 3.38 88 5.90 0.045 700 Blue 0603CS-3N6X_R_ 3.6 @ 250 MHz 5,3,2 22 3.72 53 3.71 65 5.90 0.063 700 Red 0603CS-3N9X_R_ 3.9 @ 250 MHz 5,3,2 22 3.95 49 3.96 67 6.90 0.080 700 Brown 0603CS-4N3X_R_ 4.3 @ 250 MHz 5,3,2 22 4.32 50 4.33 70 5.90 0.063 700 Orange 0603CS-4N7X_R_ 4.7 @ 250 MHz 5,3,2 20 4.72 47 4.75 57 5.80 0.116 700 Violet 0603CS-5N1X_R_ 5.1 @ 250 MHz 5,3,2 20 4.93 47 4.95 56 5.70 0.140 700 Green 0603CS-5N6X_R_ 5.6 @ 250 MHz 5,3,2 26 5.77 63 6.05 80 4.76 0.075 700 Black 0603CS-6N8X_R_ 6.8 @ 250 MHz 5,3,2 27 6.75 60 7.10 81 5.80 0.110 700 Red 0603CS-7N5X_R_ 7.5 @ 250 MHz 5,3,2 28 7.70 60 7.82 65 4.80 0.106 700 Brown 0603CS-8N2X_R_ 8.2 @ 250 MHz 5,3,2 30 8.25 82 8.37 87 4.20 0.115 700 Orange 0603CS-8N7X_R_ 8.7 @ 250 MHz 5,3,2 28 8.86 62 9.32 58 4.60 0.109 700 Yellow 0603CS-9N5X_R_ 9.5 @ 250 MHz 5,3,2 28 9.7 59 9.92 61 5.40 0.135 700 Blue 0603CS-10NX_R_ 10 @ 250 MHz 5,3,2 31 10.0 66 10.6 83 4.80 0.130 700 Orange 0603CS-11NX_R_ 11 @ 250 MHz 5,3,2 30 11.0 53 11.5 56 4.00 0.130 700 Gray 0603CS-12NX_R_ 12 @ 250 MHz 5,3,2 35 12.3 72 13.5 83 4.00 0.130 700 Yellow 0603CS-15NX_R_ 15 @ 250 MHz 5,3,2 35 15.4 64 16.8 89 4.00 0.170 700 Green 0603CS-16NX_R_ 16 @ 250 MHz 5,3,2 34 16.2 55 17.3 52 3.30 0.170 700 White 0603CS-18NX_R_ 18 @ 250 MHz 5,3,2 35 18.7 70 21.4 69 3.10 0.170 700 Blue 0603CS-22NX_R_ 22 @ 250 MHz 5,3,2 38 22.8 73 26.1 71 3.00 0.190 700 Violet 0603CS-23NX_R_ 23 @ 250 MHz 5,3,2 38 24.1 71 28.0 67 2.85 0.190 700 Orange 0603CS-24NX_R_ 24 @ 250 MHz 5,3,2 36 24.5 45 28.7 39 2.65 0.190 700 Black 0603CS-27NX_R_ 27 @ 250 MHz 5,3,2 40 29.2 74 34.6 65 2.80 0.220 600 Gray 0603CS-30NX_R_ 30 @ 250 MHz 5,3,2 37 31.4 47 39.9 28 2.25 0.220 600 Brown 0603CS-33NX_R_ 33 @ 250 MHz 5,3,2 40 36.0 67 49.5 42 2.30 0.220 600 White 0603CS-36NX_R_ 36 @ 250 MHz 5,3,2 37 39.4 47 52.7 24 2.08 0.250 600 Red 0603CS-39NX_R_ 39 @ 250 MHz 5,3,2 40 42.7 60 60.2 40 2.20 0.250 600 Black 0603CS-43NX_R_ 43 @ 250 MHz 5,3,2 38 47.0 44 64.9 21 2.00 0.280 600 Orange 0603CS-47NX_R_ 47 @ 200 MHz 5,3,2 38 52.2 62 77.2 35 2.00 0.280 600 Brown 0603CS-51NX_R_ 51 @ 200 MHz 5,3,2 35 55.5 69 82.2 34 1.90 0.270 600 Blue 0603CS-56NX_R_ 56 @ 200 MHz 5,3,2 38 62.5 56 97.0 26 1.90 0.310 600 Red 0603CS-68NX_R_ 68 @ 200 MHz 5,3,2 37 80.5 54 168 21 1.70 0.340 600 Orange 0603CS-72NX_R_ 72 @ 150 MHz 5,3,2 34 82.0 53 135 20 1.70 0.490 400 Yellow 0603CS-82NX_R_ 82 @ 150 MHz 5,3,2 34 96.2 54 177 21 1.70 0.540 400 Green 0603CS-R10X_R_ 100 @ 150 MHz 5,3,2 34 124 49 — — 1.40 0.580 400 Blue 0603CS-R11X_R_ 110 @ 150 MHz 5,3,2 32 138 43 — — 1.35 0.610 300 Violet 0603CS-R12X_R_ 120 @ 150 MHz 5,3,2 32 166 39 — — 1.30 0.650 300 Gray 0603CS-R15X_R_ 150 @ 150 MHz 5,3,2 28 250 25 — — 0.990 0.920 280 White 0603CS-R18X_R_ 180 @ 100 MHz 5,3,2 25 305 22 — — 0.990 1.25 240 Black 0603CS-R20X_R_ 200 @ 100 MHz 5,3,2 25 — — — — 0.900 1.98 200 Green 0603CS-R21X_R_ 210 @ 100 MHz 5,3,2 27 — — — — 0.895 2.06 200 Gray 0603CS-R22X_R_ 220 @ 100 MHz 5,3,2 25 — — — — 0.900 2.10 200 Brown 0603CS-R25X_R_ 250 @ 100 MHz 5,3,2 25 — — — — 0.822 3.55 120 Violet 0603CS-R27X_R_ 270 @ 100 MHz 5,3,2 26 — — — — 0.830 2.16 170 Red 0603CS-R33X_R_ 330 @ 100 MHz 5,3,2 25 — — — — 0.900 3.89 100 Blue 0603CS-R39X_R_ 390 @ 100 MHz 5,3,2 25 — — — — 0.780 4.35 100 Yellow 1. When ordering, specify tolerance, termination and packaging codes: 0603CS-R39XJRW Tolerance: G = 2% H = 3% J = 5% (Table shows stock tolerances in bold.) Termination: R = RoHS compliant matte tin over nickel over silver- platinum-glass frit. E = Halogen free component. RoHS compliant silver- palladium-platinum-glass frit. terminations. L = RoHS compliant silver-palladium-platinum-glass frit. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: W= 7 ″ machine-ready reel. EIA-481 punched paper tape (2000 parts per full reel). Quantities less than full reel available: in tape (not machine ready) or with leader and trailer ($25 charge). Y = 13 ″ machine-ready reel. EIA-481 punched paper tape. Factory order only, not stocked (10000 parts per full reel). U = Less than full reel. In an effort to simplify our part numbering system, Coilcraft is eliminating the need for multiple packaging codes. When ordering, simply change the last letter of your part number from U to W. 2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/ HP 4286 impedance analyzer with Coilcraft-provided correlation pieces. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured at the same frequency as inductance using an Agilent/ HP 4291A with an Agilent/HP 16193 test fixture. 5. SRF measured using an Agilent/HP 8720D network analyzer and a Coilcraft SMD-D test fixture. 6. DCR measured on a Cambridge Technology micro-ohmmeter and a Coilcraft CCF858 test fixture. 7. Current that causes a 15°C temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maximum ratings. 8. Each part is marked with a single dot. The color dots are not unique identifiers and correspond to multiple inductance values. 9. Electrical specifications at 25°C. Refer to Doc 362 “Soldering Surface Mount Components” before soldering. Designer’s Kit C324 contains 10 each of all 5% values Designer’s Kit C324-2 contains 10 each of all 2% values |