| Moteur de recherche de fiches techniques de composants électroniques |
|
0603CS-R10XGRW Fiches technique(PDF) 1 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
0603CS-R10XGRW Fiches technique(HTML) 1 Page - Coilcraft lnc. |
|
1 / 2 page ![]() Specifications subject to change without notice. Please check our website for latest information. US +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com UK +886-2-2264 3646 sales@coilcraft.com.tw Taiwan +86-21-6218 8074 sales@coilcraft.com.cn China + 65-6484 8412 sales@coilcraft.com.sg Singapore © Coilcraft Inc. 2024 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. AEC Q200 125°C + Halogen Free ChipInductors–0603CS(1608) Document 195-1 Document 195-1 Revised 06/26/24 Ultra-small size, exceptional Q and high SRFs make these inductors ideal for high frequency applications where size is at a premium. They also have excellent DCR and current carrying characteristics. Typical L vs Frequency Typical Q vs Frequency A B C D max max max ref E F G H I J 0.071 0.044 0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches 1,80 1,12 1,02 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm Core material Ceramic Environmental RoHS compliant, halogen free Terminations RoHS compliant matte tin over nickel over silver platinum-glass frit. Other terminations available at additional cost. Weight 3.2 – 3.7 mg Ambient temperature –40°C to +125°C with Irms current Maximum part temperature +140°C (ambient + temp rise). Storage temperature Component: –40°C to +140°C. Tape and reel packaging: –40°C to +80°C Resistance to soldering heat Max three 40 second reflows at +260°C, parts cooled to room temperature between cycles Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C / 85% relative humidity) Packaging 2000 per 7 ″ reel; 10000 per 13″ reel Paper tape: 8 mm wide, 1.0 mm thick, 4 mm pocket spacing PCB washing Tested to MIL-STD-202 Method 215 plus an additional aqueous wash. See Doc787_PCB_Washing.pdf. 10 100 Frequency (MHz) 1000 10000 100 80 90 60 70 40 50 20 10 30 0 120 nH 33 nH 3.9 nH 68 nH 12 nH 270 nH 10 100 Frequency (MHz) 1000 10000 400 350 0 50 100 150 200 250 300 120 nH 68 nH 33 nH 3.9 nH 12 nH 270 nH A B overall C D Terminal wraparound: approx 0.007/0,18 both ends J F F G H E terminal Recommended Land Pattern I I Pick and place material Note: Height dimension (C) is before optional solder application. For maximum height dimension including solder, add 0.006 in / 0,152 mm. Sample & buy Support & FAQ Web page Tools & software |
Numéro de pièce similaire - 0603CS-R10XGRW |
|
Description similaire - 0603CS-R10XGRW |