Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UVTRANSFER-R Fiches technique(PDF) 2 Page - Coherent Corp

No de pièce UVTRANSFER-R
Description  Production Systems for microLED Repair Processes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COHERENT [Coherent Corp]
Site Internet  https://www.coherent.com/
Logo COHERENT - Coherent Corp

UVTRANSFER-R Fiches technique(HTML) 2 Page - Coherent Corp

  UVTRANSFER-R Datasheet HTML 1Page - Coherent Corp UVTRANSFER-R Datasheet HTML 2Page - Coherent Corp UVTRANSFER-R Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
UVtransfer R
Specifications
UVtransfer R
LIFT and Repair System
Fully automated system for 24/7 usage in an industrial scale
Dimensions (W x L x H)
Approx. 3000 x 8000 x 3300 mm³
Laser and Optics
Laser
Coherent deep UV laser with 248 nm wavelength
IndyStar 1 kHz
Optical System
Mask Imaging system for high homogeneity, stability and flexibility
Field Size
Repair System: 25 x 10 mm² with scanner
Energy Density
Up to 1200 mJ/cm² for direct transfer from Epi Wafer
Substrates
Donor
Material
Quartz or sapphire wafer of temp. carrier
Dimensions
4” to 8” round of square (customization possible)
microLEDs
Size down to 5 x 5 µm², street width down to 5 µm (CoW and CoC)
Receiver
Material
Technical glass, backplane, temp. carrier
Dimensions
Max. 400 x 600 mm² (GEN 2.5 substrates)
Stage Systems
Donor Stage
Options
- Triple donor stage for RGB generation in one step
- Single donor stage with bow compensation
Receiver Stage
Double receiver stage for parallel processing and loading/unloading/alignment
Diagnostic Systems
Donor Diagnostics
Fiducial and alignment camera
Receiver Diagnostics
Fiducial and alignment camera
Optional: Full sample scanning camera for anomaly detection
Beam Diagnostics
Power meter and beam profiler
Additional Diagnostics
On axis gap measurement system
Through the lens camera
Housing
Laser Protection Class
CLASS IV LASER RADIATION PRODUCT PER EN/IEC 60825-1: 2014
Temperature Control
Temperature stabilization ±0.3 K
Control of Particle Contamination ISO class 5 in process chamber
Optional: Advanced air cleaning system for “ISO 1 mini environment” in the process area
SW and Automatization
SW Features
Path planning and process simulation
Digital twin
Fab integration according to customers infrastructure
Automatization
Fully automated process flow
EFEM integration according to customer needs



Html Pages

1 2 3