Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 139 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 139 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 135Page - NXP Semiconductors HCS08 Datasheet HTML 136Page - NXP Semiconductors HCS08 Datasheet HTML 137Page - NXP Semiconductors HCS08 Datasheet HTML 138Page - NXP Semiconductors HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 198 page
background image
Keyboard Interrupts (S08KBIV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
139
10.3.2
KBI Pin Enable Register (KBIPE)
KBIPE contains the pin enable control bits.
10.3.3
KBI Edge Select Register (KBIES)
KBIES contains the edge select control bits.
765
43
210
R
0
0
0
0
KBF
0
KBIE
KBMOD
W
KBACK
Reset:
00
00
000
0
= Unimplemented
Figure 10-3. KBI Status and Control Register
Table 10-2. KBISC Register Field Descriptions
Field
Description
7:4
Unused register bits, always read 0.
3
KBF
Keyboard Interrupt Flag — KBF indicates when a keyboard interrupt is detected. Writes have no effect on KBF.
0 No keyboard interrupt detected.
1 Keyboard interrupt detected.
2
KBACK
Keyboard Acknowledge — Writing a 1 to KBACK is part of the flag clearing mechanism. KBACK always reads
as 0.
1
KBIE
Keyboard Interrupt Enable — KBIE determines whether a keyboard interrupt is requested.
0 Keyboard interrupt request not enabled.
1 Keyboard interrupt request enabled.
0
KBMOD
Keyboard Detection Mode — KBMOD (along with the KBEDG bits) controls the detection mode of the keyboard
interrupt pins.0Keyboard detects edges only.
1 Keyboard detects both edges and levels.
765
43
210
R
KBIPE7
KBIPE6
KBIPE5
KBIPE4
KBIPE3
KBIPE2
KBIPE1
KBIPE0
W
Reset:
00
00
000
0
Figure 10-4. KBI Pin Enable Register
Table 10-3. KBIPE Register Field Descriptions
Field
Description
7:0
KBIPEn
Keyboard Pin Enables — Each of the KBIPEn bits enable the corresponding keyboard interrupt pin.
0 Pin not enabled as keyboard interrupt.
1 Pin enabled as keyboard interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com