Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 132 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 132 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 128Page - NXP Semiconductors HCS08 Datasheet HTML 129Page - NXP Semiconductors HCS08 Datasheet HTML 130Page - NXP Semiconductors HCS08 Datasheet HTML 131Page - NXP Semiconductors HCS08 Datasheet HTML 132Page - NXP Semiconductors HCS08 Datasheet HTML 133Page - NXP Semiconductors HCS08 Datasheet HTML 134Page - NXP Semiconductors HCS08 Datasheet HTML 135Page - NXP Semiconductors HCS08 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
132
Freescale Semiconductor
9.4.7
Fixed Frequency Clock
The ICS presents the divided FLL reference clock as ICSFFCLK for use as an additional clock source for
peripheral modules. The ICS provides an output signal (ICSFFE) which indicates when the ICS is
providing ICSOUT frequencies four times or greater than the divided FLL reference clock (ICSFFCLK).
In FLL engaged mode (FEI and FEE) this is always true and ICSFFE is always high. In ICS bypass modes,
ICSFFE will get asserted for the following combinations of BDIV and RDIV values:
•
BDIV=00 (divide by 1), RDIV
≥ 010
•
BDIV=01 (divide by 2), RDIV
≥ 011
•
BDIV=10 (divide by 4), RDIV
≥ 100
•
BDIV=11 (divide by 8), RDIV
≥ 101
9.5
Module Initialization
This section describes how to initialize and configure the ICS module. The following sections contain two
initialization examples.
9.5.1
ICS Module Initialization Sequence
The ICS comes out of POR configured for FEI mode with the BDIV set for divide-by 2. The internal
reference will stabilize in tIRST microseconds before the FLL can acquire lock. As soon as the internal
reference is stable, the FLL will acquire lock in tAcquire milliseconds.
Upon POR, the internal reference will require trimming to guarantee an accurate clock. Freescale
recommends using FLASH location 0xFFAE for storing the fine trim bit, FTRIM in the ICSSC register,
and 0xFFAF for storing the 8-bit trim value for the ICSTRM register. The MCU will not automatically
copy the values in these FLASH locations to the respective registers. Therefore, user code must copy these
values from FLASH to the registers.
NOTE
The BDIV value must not be changed to divide-by 1 without first trimming
the internal reference. Failure to do so could result in the MCU running out
of specification.
9.5.1.1
Initialization Sequence, Internal Clock Mode to External Clock Mode
To change from FEI or FBI clock modes to FEE or FBE clock modes, follow this procedure:
1. Enable the external clock source by setting the appropriate bits in ICSC2.
— If FBE will be the selected mode, also set the LP bit at this time to minimize power
consumption.
2. If necessary, wait for the external clock source to stabilize. Typical crystal startup times are given
in Electrical Characteristics appendix. If EREFS is set in step 1, then the OSCINIT bit will set as
soon as the oscillator has completed the initialization cycles.
3. Write to ICSC1 to select the clock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com