| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 107 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 107 Page - NXP Semiconductors |
|
107 / 198 page ![]() Analog-to-Digital Converter (S08ADC10V1) MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 107 8.3.10 Pin Control 3 Register (APCTL3) APCTL3 is used to control channels 16–23 of the ADC module. 1 ADPC9 ADC Pin Control 9 — ADPC9 is used to control the pin associated with channel AD9. 0 AD9 pin I/O control enabled 1 AD9 pin I/O control disabled 0 ADPC8 ADC Pin Control 8 — ADPC8 is used to control the pin associated with channel AD8. 0 AD8 pin I/O control enabled 1 AD8 pin I/O control disabled 76 54 3 2 10 R ADPC23 ADPC22 ADPC21 ADPC20 ADPC19 ADPC18 ADPC17 ADPC16 W Reset: 00 00 0 0 00 Figure 8-13. Pin Control 3 Register (APCTL3) Table 8-11. APCTL3 Register Field Descriptions Field Description 7 ADPC23 ADC Pin Control 23 — ADPC23 is used to control the pin associated with channel AD23. 0 AD23 pin I/O control enabled 1 AD23 pin I/O control disabled 6 ADPC22 ADC Pin Control 22 — ADPC22 is used to control the pin associated with channel AD22. 0 AD22 pin I/O control enabled 1 AD22 pin I/O control disabled 5 ADPC21 ADC Pin Control 21 — ADPC21 is used to control the pin associated with channel AD21. 0 AD21 pin I/O control enabled 1 AD21 pin I/O control disabled 4 ADPC20 ADC Pin Control 20 — ADPC20 is used to control the pin associated with channel AD20. 0 AD20 pin I/O control enabled 1 AD20 pin I/O control disabled 3 ADPC19 ADC Pin Control 19 — ADPC19 is used to control the pin associated with channel AD19. 0 AD19 pin I/O control enabled 1 AD19 pin I/O control disabled 2 ADPC18 ADC Pin Control 18 — ADPC18 is used to control the pin associated with channel AD18. 0 AD18 pin I/O control enabled 1 AD18 pin I/O control disabled Table 8-10. APCTL2 Register Field Descriptions (continued) Field Description |