Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 177 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 177 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 173Page - NXP Semiconductors HCS08 Datasheet HTML 174Page - NXP Semiconductors HCS08 Datasheet HTML 175Page - NXP Semiconductors HCS08 Datasheet HTML 176Page - NXP Semiconductors HCS08 Datasheet HTML 177Page - NXP Semiconductors HCS08 Datasheet HTML 178Page - NXP Semiconductors HCS08 Datasheet HTML 179Page - NXP Semiconductors HCS08 Datasheet HTML 180Page - NXP Semiconductors HCS08 Datasheet HTML 181Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
177
High impedance (off-state) leakage current (per pin)
VIn = VDD or VSS, all input/output
|IOZ|
—
0.025
1.0
μA
Internal pullup resistors4
RPU
17.5
52.5
k
Ω
Internal pulldown resistor (IRQ)
RPD
17.5
52.5
k
Ω
Output high voltage — Low Drive (PTxDSn = 0)
5 V, ILoad = –2 mA
3 V, ILoad = –0.6 mA
5 V, ILoad = –0.4 mA
3 V, ILoad = –0.24 mA
VOH
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
V
Output high voltage — High Drive (PTxDSn = 1)
5 V, ILoad = –10 mA
3 V, ILoad = –3 mA
5 V, ILoad = –2 mA
3 V, ILoad = –0.4 mA
VDD – 1.5
VDD – 1.5
VDD – 0.8
VDD – 0.8
—
—
—
—
—
—
—
—
Maximum total IOH for all port pins
5V
3V
|IOHT|
—
—
—
—
100
60
mA
Output low voltage — Low Drive (PTxDSn = 0)
5 V, ILoad = 2 mA
3 V, ILoad = 0.6 mA
5 V, ILoad = 0.4 mA
3 V, ILoad = 0.24 mA
VOL
—
—
—
—
—
—
—
—
1.5
1.5
0.8
0.8
V
Output low voltage — High Drive (PTxDSn = 1)
5 V, ILoad = 10 mA
3 V, ILoad = 3 mA
5 V, ILoad = 2 mA
3 V, ILoad = 0.4 mA
—
—
—
—
—
—
—
—
1.5
1.5
0.8
0.8
Maximum total IOL for all port pins
5V
3V
IOLT
—
—
—
—
100
60
mA
DC injection current2, 5, 6, 7
Single pin limit
VIN > VDD
VIN < VSS
Total MCU limit, includes sum of all stressed pins
VIN > VDD
VIN < VSS
IIC
0
0
0
0
—
2
–0.2
12
–1.2
mA
Input capacitance (all non-supply pins)
CIn
—7
pF
1 Maximum is highest voltage that POR is guaranteed.
2 RAM will retain data down to POR voltage. RAM data not guaranteed to be valid following a POR.
3 This parameter is characterized and not tested on each device.
4 Measurement condition for pull resistors: V
In = VSS for pullup and VIn = VDD for pulldown.
5 All functional non-supply pins are internally clamped to V
SS and VDD.
6 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive and negative clamp voltages, then use the larger of the two values.
Table A-5. DC Characteristics (continued)(Temperature Range = –40 to 125
°C Ambient)
Parameter
Symbol
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com