| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 165 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 165 Page - NXP Semiconductors |
|
165 / 198 page ![]() Development Support MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 165 Commands begin with an 8-bit hexadecimal command code in the host-to-target direction (most significant bit first) / = separates parts of the command d = delay 16 target BDC clock cycles AAAA = a 16-bit address in the host-to-target direction RD = 8 bits of read data in the target-to-host direction WD = 8 bits of write data in the host-to-target direction RD16 = 16 bits of read data in the target-to-host direction WD16 = 16 bits of write data in the host-to-target direction SS = the contents of BDCSCR in the target-to-host direction (STATUS) CC = 8 bits of write data for BDCSCR in the host-to-target direction (CONTROL) RBKP = 16 bits of read data in the target-to-host direction (from BDCBKPT breakpoint register) WBKP = 16 bits of write data in the host-to-target direction (for BDCBKPT breakpoint register) |