| Moteur de recherche de fiches techniques de composants électroniques |
|
432.. Fiches technique(PDF) 1 Page - Dremel |
|
|
|||||||||||||||||||||||||||||
432.. Fiches technique(HTML) 1 Page - Dremel |
|
|
1 / 1 page ![]() DREMEL-Trade-Catalogue 2006/2007 36 Sanding 1. Sanding Bands 407 408 432 430 431 438 439 440 444 For rough shaping and smoothing wood and fiberglass, removing rust from metal surfaces and shaping rubber surfaces. Sanding bands are easily replaceable. Model Quantity Working ø mm Shank ø mm Grit Ordernumber EAN 407 1 13,0 3,2 60 2615040732 8710364007226 408 6 13,0 3,2 60 2615040832 8710364007233 432 6 13,0 3,2 120 2615043232 8710364007264 430 1 6,4 3,2 60 2615043032 8710364007240 431 6 6,4 3,2 60 2615043132 8710364007257 438 6 6,4 3,2 120 2615043832 8710364007271 439 1 9,5 3,2 60 2615043932 8710364008391 440 6 9,5 3,2 60 2615044032 8710364008407 444 6 9,5 3,2 120 2615044432 8710364008414 2. Flapwheels 502 504 Perfect for sanding flat or contoured surfaces on metal, wood, rubber or plastic. Model Quantity Working ø mm Shank ø mm Grit Ordernumber EAN 502 1 28,6 3,2 80 2615050232 8710364015252 504 1 28,6 3,2 80 2615050432 8710364015269 |
Numéro de pièce similaire - 432.. |
|
Description similaire - 432.. |