Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM34H6T Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STR910FAM34H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM34H6T Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STR910FAM34H6T Datasheet HTML 6Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 7Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 8Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 9Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 10Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 11Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 12Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 13Page - STMicroelectronics STR910FAM34H6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
Description
STR91xFAx32 STR91xFAx42 STR91xFAx44
10/99
1
Description
STR91xFA is a series of ARM-powered microcontrollers which combines a 16/32-bit
ARM966E-S RISC processor core, dual-bank Flash memory, large SRAM for data or code,
and a rich peripheral set to form an ideal embedded controller for a wide variety of
applications such as point-of-sale terminals, industrial automation, security and
surveillance, vending machines, communication gateways, serial protocol conversion, and
medical equipment. The ARM966E-S core can perform single-cycle DSP instructions, good
for speech processing, audio algorithms, and low-end imaging.
This datasheet provides STR91xFA ordering information, functional overview, mechanical
information, and electrical device characteristics.
For complete information on STR91xFA memory, registers, and peripherals, please refer to
the STR91xFA Reference Manual.
For information on programming the STR91xFA Flash memory please refer to the STR9
Flash Programming Reference Manual
For information on the ARM966E-S core, please refer to the ARM966E-S Rev. 2 Technical
Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99