| Moteur de recherche de fiches techniques de composants électroniques |
|
STR910FAW44X6T Fiches technique(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR910FAW44X6T Fiches technique(HTML) 52 Page - STMicroelectronics |
|
52 / 99 page ![]() Pin description STR91xFAx32 STR91xFAx42 STR91xFAx44 52/99 11 17 F4 VDD V V Source for CPU. 1.65V - 2.0V N/A 31 49 D7 VDD V 50 81 L6 VDD V 70 112 G11 VDD V 10 16 F3 VSS G Digital Ground for CPU N/A 30 48 H5 VSS G 51 82 G10 VSS G 71 113 E7 VSS G -- C9 PLLVDD Q V V Source for PLL 2.7 to 3.6 V N/A - - B8 PLLVSSQ G Digital Ground for PLL Table 9. Device pin description (continued) Pkg Pin Name Default Pin Function Default Input Function Alternate functions Alternate Input 1 Alternate Output 1 Alternate Output 2 Alternate Output 3 |