Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAM44X6T Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce STR910FAM44X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM44X6T Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button STR910FAM44X6T Datasheet HTML 76Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 77Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 78Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 79Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 80Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 81Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 82Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 83Page - STMicroelectronics STR910FAM44X6T Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
80/99
Sync burst read
Figure 23.
Sync burst read diagram
D_IN[15:0]
tDS
tDH
DATA
tD2
tD1
tWS
EMI_WAITn
A[15:0]
EMI_BAAn
EMI_RDn
CSxn
EMI_ALE
EMI_BCLK
Table 38.
Sync burst read times
Symbol
Parameter
Value
Min
Max
tD1BAA
BAA tD1
0 ns
2 ns
tD2BAA
BAA tD2
0.5ns
2.5 ns
tD1ALE
ALE tD1
1 ns
3.5 ns
tD2ALE
ALE tD2
(tBCLK/2)+0.5 ns
(tBCLK/2)+3 ns
tD1RD
RD tD1
02 ns
tD2RD
RD tD2
0.5 ns
2.5 ns
tD1A
Address tD1
2 ns
4 ns
tD2A
Address tD2
2.5 ns
3.5 ns
tD1CS
CS tD1
0.5 ns
3 ns
tD2CS
CS tD2
1 ns
3.5 ns
tWS
WAIT set up time
1 ns
4 ns
tDS
Data setup time
4.5 ns
-
tDH
Data hold time
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99