Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412VGJ3 Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F412VGJ3
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VGJ3 Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F412VGJ3 Datasheet HTML 50Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 51Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 52Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 53Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 54Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 55Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 56Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 57Page - STMicroelectronics STM32F412VGJ3 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 201 page
background image
Pinouts and pin description
STM32F412xE/G
54/201
DocID028087 Rev 7
-
25 G5 34L5
K445
PC5
I/O
FT
-
I2CFMP1_SMBA,
USART3_RX,
QUADSPI_BK2_IO3,
FSMC_NOE,
EVENTOUT
ADC1_15
18 26 H5 35
M5
L4
46
PB0
I/O
FT
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
SPI5_SCK/I2S5_CK,
EVENTOUT
ADC1_8
19 27 F4 36
M6
M4
47
PB1
I/O
FT
-
TIM1_CH3N,
TIM3_CH4,
TIM8_CH3N,
SPI5_NSS/I2S5_WS,
DFSDM1_DATIN0,
QUADSPI_CLK,
EVENTOUT
ADC1_9
20 28 G4 37
L6
J5
48
PB2
I/O
FT
-
DFSDM1_CKIN0,
QUADSPI_CLK,
EVENTOUT
BOOT1
-
-
-
-
-
M5
49
PF11
I/O
FT
-
TIM8_ETR, EVENTOUT
-
-
-
-
-
-
L5
50
PF12
I/O
FT
-
TIM8_BKIN, FSMC_A6,
EVENTOUT
-
---
-
-
-
51
VSS
S
-
-
-
-
---
-
-
G5
52
VDD
S
-
-
-
-
-
-
-
-
-
K5
53
PF13
I/O
FT
-
I2CFMP1_SMBA,
FSMC_A7, EVENTOUT
-
---
-
-
M6
54
PF14
I/O
FT
-
I2CFMP1_SCL,
FSMC_A8, EVENTOUT
-
-
-
-
-
-
L6
55
PF15
I/O
FT
-
I2CFMP1_SDA,
FSMC_A9, EVENTOUT
-
-
-
-
-
-
K6
56
PG0
I/O
FT
-
CAN1_RX, FSMC_A10,
EVENTOUT
-
---
-
-
J6
57
PG1
I/O
FT
-
CAN1_TX, FSMC_A11,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More