| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGU6 Fiches technique(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGU6 Fiches technique(HTML) 55 Page - STMicroelectronics |
|
55 / 201 page ![]() DocID028087 Rev 7 55/201 STM32F412xE/G Pinouts and pin description 73 - - - 38 M7 M7 58 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, QUADSPI_BK2_IO0, FSMC_D4/FSMC_DA4, EVENTOUT - - - - 39 L7 L7 59 PE8 I/O FT - TIM1_CH1N, DFSDM1_CKIN2, QUADSPI_BK2_IO1, FSMC_D5/FSMC_DA5, EVENTOUT - - - - 40 M8 K7 60 PE9 I/O FT - TIM1_CH1, DFSDM1_CKOUT, QUADSPI_BK2_IO2, FSMC_D6/FSMC_DA6, EVENTOUT - --- - - - 61 VSS S - - - - --- - - G6 62 VDD S - - - - - - - 41 L8 J7 63 PE10 I/O FT - TIM1_CH2N, QUADSPI_BK2_IO3, FSMC_D7/FSMC_DA7, EVENTOUT - - - - 42 M9 H8 64 PE11 I/O FT - TIM1_CH2, SPI4_NSS/I2S4_WS, SPI5_NSS/I2S5_WS, FSMC_D8/FSMC_DA8, EVENTOUT - - - - 43 L9 J8 65 PE12 I/O FT - TIM1_CH3N, SPI4_SCK/I2S4_CK, SPI5_SCK/I2S5_CK, FSMC_D9/FSMC_DA9, EVENTOUT - --- 44 M10 K8 66 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SPI5_MISO, FSMC_D10/FSMC_DA1 0, EVENTOUT - --- 45 M11 L8 67 PE14 I/O FT - TIM1_CH4, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, FSMC_D11/FSMC_DA1 1, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |