Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGT6 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce STM32F412RGT6
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGT6 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button STM32F412RGT6 Datasheet HTML 49Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 50Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 51Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 52Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 53Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 54Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 55Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 56Page - STMicroelectronics STM32F412RGT6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 201 page
background image
DocID028087 Rev 7
53/201
STM32F412xE/G
Pinouts and pin description
73
13 17 F6 26
L3
M2
37
PA3
I/O
FT
-
TIM2_CH4, TIM5_CH4,
TIM9_CH2, I2S2_MCK,
USART2_RX,
FSMC_D5/FSMC_DA5,
EVENTOUT
ADC1_3
-
18
-
27
-
G4
38
VSS
S
-
-
-
-
---
-
E3
H5
-
BYPASS_
REG
IFT
-
-
-
-19 H7 28
-
F4
39
VDD
S
-
-
-
-
14 20 G6 29
M3
J3
40
PA4
I/O
FT
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK,
DFSDM1_DATIN1,
FSMC_D6/FSMC_DA6,
EVENTOUT
ADC1_4
15 21 F5 30
K4
K3
41
PA5
I/O
FT
-
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
DFSDM1_CKIN1,
FSMC_D7/FSMC_DA7,
EVENTOUT
ADC1_5
16 22 H6 31
L4
L3
42
PA6
I/O
FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN,
SPI1_MISO, I2S2_MCK,
TIM13_CH1,
QUADSPI_BK2_IO0,
SDIO_CMD,
EVENTOUT
ADC1_6
17 23 E5 32
M4
M3
43
PA7
I/O
FT
-
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
TIM14_CH1,
QUADSPI_BK2_IO1,
EVENTOUT
ADC1_7
-24 E4 33
K5
J4
44
PC4
I/O
FT
-
I2S1_MCK,
QUADSPI_BK2_IO2,
FSMC_NE4,
EVENTOUT
ADC1_14
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More