| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGU3P Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGU3P Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 201 page ![]() Pinouts and pin description STM32F412xE/G 56/201 DocID028087 Rev 7 --- 46 M12 M8 68 PE15 I/O FT - TIM1_BKIN, FSMC_D12/FSMC_DA1 2, EVENTOUT - 21 29 H4 47 L10 M9 69 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, I2S3_MCK, USART3_TX, I2CFMP1_SCL, SDIO_D7, EVENTOUT - - - - - K9 M10 70 PB11 I/O FT - TIM2_CH4, I2C2_SDA, I2S2_CKIN, USART3_RX, EVENTOUT - 22 30 H3 48 L11 H7 71 VCAP_1 S - - - - 23 31 H2 49 F12 H6 - VSS S - - - - 24 32 H1 50 G12 G7 72 VDD S - - - - 25 33 G3 51 L12 M11 73 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, SPI4_NSS/I2S4_WS, SPI3_SCK/I2S3_CK, USART3_CK, CAN2_RX, DFSDM1_DATIN1, FSMC_D13/FSMC_DA1 3, EVENTOUT - 26 34 G2 52 K12 M12 74 PB13 I/O FT - TIM1_CH1N, I2CFMP1_SMBA, SPI2_SCK/I2S2_CK, SPI4_SCK/I2S4_CK, USART3_CTS, CAN2_TX, DFSDM1_CKIN1, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |