Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RET3TR Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce STM32F412RET3TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RET3TR Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button STM32F412RET3TR Datasheet HTML 68Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 69Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 70Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 71Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 72Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 73Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 74Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 75Page - STMicroelectronics STM32F412RET3TR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 201 page
background image
PF0
-
-
-
-
I2C2_SDA
-
-
-
-
-
-
FSMC_A0
EVENTOUT
PF1
-
-
-
-
I2C2_SCL
-
-
-
-
-
-
FSMC_A1
EVENTOUT
PF2
-
-
-
-
I2C2_SMBA
-
-
-
-
-
-
FSMC_A2
EVENTOUT
PF3
-
-
TIM5_CH1
-
-
-
-
-
-
-
-
FSMC_A3
EVENTOUT
PF4
-
-
TIM5_CH2
-
-
-
-
-
-
-
-
FSMC_A4
EVENTOUT
PF5
-
-
TIM5_CH3
-
-
-
-
-
-
-
-
FSMC_A5
EVENTOUT
PF6
TRACED0
-
-
TIM10_CH1
-
-
-
-
-
QUADSPI_
BK1_IO3
-
-
EVENTOUT
PF7
TRACED1
-
-
TIM11_CH1
-
-
-
-
-
QUADSPI_
BK1_IO2
-
-
EVENTOUT
PF8
-
-
-
-
-
-
-
-
-
TIM13_CH1
QUADSPI_
BK1_IO0
-EVENTOUT
PF9
-
-
-
-
-
-
-
-
-
TIM14_CH1
QUADSPI_
BK1_IO1
-EVENTOUT
PF10
-
TIM1_ETR
TIM5_CH4
-
-
-
-
-
-
-
-
-
EVENTOUT
PF11
-
-
-
TIM8_ETR
-
-
-
-
-
-
-
-
EVENTOUT
PF12
-
-
-
TIM8_BKIN
-
-
-
-
-
-
-
FSMC_A6
EVENTOUT
PF13
-
-
-
-
I2CFMP1_
SMBA
-
-
-
-
-
-
FSMC_A7
EVENTOUT
PF14
-
-
-
-
I2CFMP1_
SCL
-
-
-
-
-
-
FSMC_A8
EVENTOUT
PF15
-
-
-
-
I2CFMP1_
SDA
-
-
-
-
-
-
FSMC_A9
EVENTOUT
Table 11. STM32F412xE/G alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF12
AF15
SYS_AF
TIM1/
TIM2
TIM3/
TIM4/
TIM5
TIM8/
TIM9/
TIM10/
TIM11
I2C1/
I2C2/
I2C3/
I2CFMP1
SPI1/I2S1/
SPI2/I2S2/
SPI3/I2S3/
SPI4/I2S4
SPI2/I2S2/SPI3
/I2S3/SPI4/
I2S4/SPI5/I2S5
/DFSDM1
SPI3/I2S3/
USART1/
USART2/
USART3
DFSDM1/
USART3/
USART6/
CAN1
I2C2/I2C3/
I2CFMP1/
CAN1/CAN2
/TIM12/
TIM13/TIM14
/QUADSPI
DFSDM1/
QUADSPI/
FSMC
/OTG1_FS
FSMC /SDIO
SYS_AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More