| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGY7TR Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGY7TR Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 201 page ![]() DocID028087 Rev 7 59/201 STM32F412xE/G Pinouts and pin description 73 - 37 F1 63E12 G1296 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2CFMP1_SCL, I2S2_MCK, DFSDM1_CKIN3, USART6_TX, FSMC_D1/FSMC_DA1, SDIO_D6, EVENTOUT - -38 E1 64 E11 F12 97 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2CFMP1_SDA, SPI2_SCK/I2S2_CK, I2S3_MCK, USART6_RX, DFSDM1_DATIN3, SDIO_D7, EVENTOUT - -39 F3 65 E10 F11 98 PC8 I/O FT - TIM3_CH3, TIM8_CH3, USART6_CK, QUADSPI_BK1_IO2, SDIO_D0, EVENTOUT - -40 E2 66 D12 E11 99 PC9 I/O FT - MCO_2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S2_CKIN, QUADSPI_BK1_IO0, SDIO_D1, EVENTOUT - 29 41 E3 67 D11 E12 100 PA8 I/O FT - MCO_1, TIM1_CH1, I2C3_SCL, USART1_CK, USB_FS_SOF, SDIO_D1, EVENTOUT - 30 42 D1 68 D10 D12 101 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, USART1_TX, USB_FS_VBUS, SDIO_D2, EVENTOUT - 31 43 D2 69 C12 D11 102 PA10 I/O FT - TIM1_CH3, SPI5_MOSI/I2S5_SD, USART1_RX, USB_FS_ID, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |