| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGU6TR Fiches technique(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGU6TR Fiches technique(HTML) 62 Page - STMicroelectronics |
|
62 / 201 page ![]() Pinouts and pin description STM32F412xE/G 62/201 DocID028087 Rev 7 --- - - E8 124 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, FSMC_NE2, EVENTOUT - --- - - D8 125 PG10 I/O FT - FSMC_NE3, EVENTOUT - - - - - - C8 126 PG11 I/O FT - CAN2_RX, EVENTOUT - --- - - B8 127 PG12 I/O FT - USART6_RTS, CAN2_TX, FSMC_NE4, EVENTOUT - --- - - D7 128 PG13 I/O FT - TRACED2, USART6_CTS, FSMC_A24, EVENTOUT - --- - - C7 129 PG14 I/O FT - TRACED3, USART6_TX, QUADSPI_BK2_IO3, FSMC_A25, EVENTOUT - --- - - - 130 VSS S - - - - --- - - F6 131 VDD S - - - - --- - - B7 132 PG15 I/O FT - USART6_CTS, EVENTOUT - 39 55 A5 89 A8 A7 133 PB3 I/O FT - JTDO-SWO, TIM2_CH2, I2CFMP1_SDA, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART1_RX, I2C2_SDA, EVENTOUT - 40 56 B4 90 A7 A6 134 PB4 I/O FT - JTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, I2S3ext_SD, I2C3_SDA, SDIO_D0, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |