Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR910FAW32 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STR910FAW32
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAW32 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STR910FAW32 Datasheet HTML 75Page - STMicroelectronics STR910FAW32 Datasheet HTML 76Page - STMicroelectronics STR910FAW32 Datasheet HTML 77Page - STMicroelectronics STR910FAW32 Datasheet HTML 78Page - STMicroelectronics STR910FAW32 Datasheet HTML 79Page - STMicroelectronics STR910FAW32 Datasheet HTML 80Page - STMicroelectronics STR910FAW32 Datasheet HTML 81Page - STMicroelectronics STR910FAW32 Datasheet HTML 82Page - STMicroelectronics STR910FAW32 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
79/99
Table 37.
Sync burst write times
Symbol
Parameter
Value
Min
Max
tD1BAA
BAA tD1
02 ns
tD2BAA
BAA tD2
0.5 ns
2.5 ns
tD1ALE
ALE tD1
1 ns
3.5 ns
tD2ALE
ALE tD2
(tBCLK/2) -0.5 ns
(tBCLK/2) + 3.5 ns
tD1WR
RD tD1
02ns
tD2WR
RD tD2
0.5 ns
2.5 ns
tD1A
Address tD1
1.5 ns
4 ns
tD2A
Address tD2
2ns
4.5 ns
tD1CS
CS tD1
0.5ns
3 ns
tD2CS
CS tD2
1 ns
3.5 ns
tWS
WAIT setup time
3 ns
6 ns
tDS
Data setup time
(tBCLK/2) -3.5 ns
(tBCLK/2)+ 0.5 ns
tDH
Data hold time
(tBCLK/2) - 1 ns
(tBCLK/2)+3.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99