Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH60R04 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STTH60R04
Description  Ultrafast recovery diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60R04 Fiches technique(HTML) 6 Page - STMicroelectronics

  STTH60R04 Datasheet HTML 1Page - STMicroelectronics STTH60R04 Datasheet HTML 2Page - STMicroelectronics STTH60R04 Datasheet HTML 3Page - STMicroelectronics STTH60R04 Datasheet HTML 4Page - STMicroelectronics STTH60R04 Datasheet HTML 5Page - STMicroelectronics STTH60R04 Datasheet HTML 6Page - STMicroelectronics STTH60R04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
STTH60R04
6/7
3
Ordering information
4
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH60R04W
STTH60R04W
DO-247
4.40 g
30
Tube
Date
Revision
Description of Changes
31-Mar-2007
1
First issue



Html Pages

1 2 3 4 5 6 7