Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR91XFAX44 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STR91XFAX44
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XFAX44 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STR91XFAX44 Datasheet HTML 7Page - STMicroelectronics STR91XFAX44 Datasheet HTML 8Page - STMicroelectronics STR91XFAX44 Datasheet HTML 9Page - STMicroelectronics STR91XFAX44 Datasheet HTML 10Page - STMicroelectronics STR91XFAX44 Datasheet HTML 11Page - STMicroelectronics STR91XFAX44 Datasheet HTML 12Page - STMicroelectronics STR91XFAX44 Datasheet HTML 13Page - STMicroelectronics STR91XFAX44 Datasheet HTML 14Page - STMicroelectronics STR91XFAX44 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Device summary
11/99
2
Device summary
Table 2.
STR910/STR911 Device summary
Features
STR910FA
STR911FA
M32X6 W32X6
Z32H6
M42X6
M44X6
W42X6
W44X6
Flash
Kbytes
256+32
256+32
512+32
256
+32
512
+32
RAM -
Kbytes
64
96
Peripheral
functions
CAN,
40 I/Os
CAN, EMI,
80 I/Os
USB, CAN, 40 I/Os
USB, CAN, EMI, 80 I/Os
Packages
LQFP
80
LQFP
128
LFBGA
144
LQFP80
LQFP128
Table 3.
STR912 Device summary
Features
STR912FA
W34X6
W42X6
W44X6
Z42H6
Z44H6
Flash
Kbytes
512+32
256+32
512+32
256+32
512+32
RAM -
Kbytes
64
96
Peripheral
functions
Ethernet, USB, CAN, EMI, 80 I/Os
Packages
LQFP128
LFBGA144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99