Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FL256SDPNFAQ Fiches technique(PDF) 132 Page - Cypress Semiconductor

No de pièce S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Fiches technique(HTML) 132 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 128Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 129Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 130Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 131Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 132Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 131 of 148
S25FL128S/S25FL256S
28h
00h
Read Quad Out mode cycles
29h
08h
Read Quad Out latency cycles
2Ah
00h
Dual I/O Read mode cycles
2Bh
04h
Dual I/O Read latency cycles
2Ch
02h
Quad I/O Read mode cycles
2Dh
04h
Quad I/O Read latency cycles
2Eh
5Ah
Start of row 4, SCK frequency limit for this row (90 MHz)
2Fh
01h
Latency Code for this row (01b)
30h
FFh
Read mode cycles (FFh = command not supported at this frequency)
31h
FFh
Read latency cycles
32h
00h
Read Fast mode cycles
33h
08h
Read Fast latency cycles
34h
00h
Read Dual Out mode cycles
35h
08h
Read Dual Out latency cycles
36h
00h
Read Quad Out mode cycles
37h
08h
Read Quad Out latency cycles
38h
00h
Dual I/O Read mode cycles
39h
05h
Dual I/O Read latency cycles
3Ah
02h
Quad I/O Read mode cycles
3Bh
04h
Quad I/O Read latency cycles
3Ch
68h
Start of row 5, SCK frequency limit for this row (104 MHz)
3Dh
02h
Latency Code for this row (10b)
3Eh
FFh
Read mode cycles (FFh = command not supported at this frequency)
3Fh
FFh
Read latency cycles
40h
00h
Read Fast mode cycles
41h
08h
Read Fast latency cycles
42h
00h
Read Dual Out mode cycles
43h
08h
Read Dual Out latency cycles
44h
00h
Read Quad Out mode cycles
45h
08h
Read Quad Out latency cycles
46h
00h
Dual I/O Read mode cycles
47h
06h
Dual I/O Read latency cycles
48h
02h
Quad I/O Read mode cycles
49h
05h
Quad I/O Read latency cycles
4Ah
85h
Start of row 6, SCK frequency limit for this row (133 MHz)
4Bh
02h
Latency Code for this row (10b)
4Ch
FFh
Read mode cycles (FFh = command not supported at this frequency)
4Dh
FFh
Read latency cycles
4Eh
00h
Read Fast mode cycles
4Fh
08h
Read Fast latency cycles
50h
FFh
Read Dual Out mode cycles
Table 66. CFI Alternate Vendor-Specific Extended Query Parameter 90h - HPLC(SDR) (Continued)
Parameter Relative
Byte Address
Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com