Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FL256SDPNFAQ Fiches technique(PDF) 38 Page - Cypress Semiconductor

No de pièce S25FL256SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SDPNFAQ Fiches technique(HTML) 38 Page - Cypress Semiconductor

Back Button S25FL256SDPNFAQ Datasheet HTML 34Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 35Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 37Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 38Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 39Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 40Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 41Page - Cypress Semiconductor S25FL256SDPNFAQ Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 37 of 148
S25FL128S/S25FL256S
6.
Physical Interface
Note:
Refer to Table 2, Signal List on page 8 for signal descriptions.
6.1
SOIC 16-Lead Package
6.1.1
SOIC 16 Connection Diagram
Figure 38. 16-Lead SOIC Package, Top View
Table 15. Model Specific Connections
VIO / RFU
Versatile I/O or RFU — Some device models bond this connector to the device I/O power supply,
other models bond the device I/O supply to Vcc within the package leaving this package connector
unconnected.
RESET# / RFU
RESET# or RFU — Some device models bond this connector to the device RESET# signal, other
models bond the RESET# signal to Vcc within the package leaving this package connector
unconnected.
1
2
3
4
16
15
14
13
HOLD#/IO3
VCC
RESET#/RFU
DNU
NC
VIO/RFU
SI/IO0
SCK
5
6
7
8
12
11
10
9
WP#/IO2
VSS
DNU
DNU
DNU
RFU
CS#
SO/IO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More