Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S25FL256SAGNFAQ Fiches technique(PDF) 72 Page - Cypress Semiconductor

No de pièce S25FL256SAGNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL256SAGNFAQ Fiches technique(HTML) 72 Page - Cypress Semiconductor

Back Button S25FL256SAGNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 75Page - Cypress Semiconductor S25FL256SAGNFAQ Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 71 of 148
S25FL128S/S25FL256S
9.1.9
Reserved
Some instructions are reserved for future use. In this generation of the S25FL128S and S25FL256S some of these command
instructions may be unused and not affect device operation, some may have undefined results.
Some commands are reserved to ensure that a legacy or alternate source device command is allowed without affect. This allows
legacy software to issue some commands that are not relevant for the current generation S25FL128S and S25FL256S devices with
the assurance these commands do not cause some unexpected action.
Some commands are reserved for use in special versions of the FL-S not addressed by this document or for a future generation.
This allows new host memory controller designs to plan the flexibility to issue these command instructions. The command format is
defined if known at the time this document revision is published.
9.2
Identification Commands
9.2.1
Read Identification - REMS (Read_ID or REMS 90h)
The READ_ID command identifies the Device Manufacturer ID and the Device ID. The command is also referred to as Read
Electronic Manufacturer and device Signature (REMS). READ-ID (REMS) is only supported for backward compatibility and should
not be used for new software designs. New software designs should instead make use of the RDID command.
The command is initiated by shifting on SI the instruction code “90h” followed by a 24-bit address of 00000h. Following this, the
Manufacturer ID and the Device ID are shifted out on SO starting at the falling edge of SCK after address. The Manufacturer ID and
the Device ID are always shifted out with the MSB first. If the 24-bit address is set to 000001h, then the Device ID is read out first
followed by the Manufacturer ID. The Manufacturer ID and Device ID output data toggles between address 000000H and 000001H
until terminated by a low to high transition on CS# input. The maximum clock frequency for the READ_ID command is
133 MHz.
Figure 44. READ_ID Command Sequence
1
3
2
10
9
8
7
6
5
4
0
Instruction
ADD (1)
23
21
22
1
3
2
0
SCK
SI
SO
High Impedance
MSB
CS
90h
34
33
32
38
37
36
35
43
42
41
40
39
46
45
44
SCK
SI
SO
Manufacture ID
MSB
1
3
2
0
7
6
5
4
CS
47
1
3
2
0
7
6
5
4
Device ID
MSB
28
29
31
30
#
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com