Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53C96KC Fiches technique(PDF) 60 Page - Advanced Micro Devices

No de pièce AM53C96KC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C96KC Fiches technique(HTML) 60 Page - Advanced Micro Devices

Back Button AM53C96KC Datasheet HTML 55Page - Advanced Micro Devices AM53C96KC Datasheet HTML 56Page - Advanced Micro Devices AM53C96KC Datasheet HTML 57Page - Advanced Micro Devices AM53C96KC Datasheet HTML 58Page - Advanced Micro Devices AM53C96KC Datasheet HTML 59Page - Advanced Micro Devices AM53C96KC Datasheet HTML 60Page - Advanced Micro Devices AM53C96KC Datasheet HTML 61Page - Advanced Micro Devices AM53C96KC Datasheet HTML 62Page - Advanced Micro Devices AM53C96KC Datasheet HTML 63Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
P R E L I M I N A R Y
AMD
60
Am53C94/Am53C96
PHYSICAL DIMENSIONS*
PL 084
Plastic Leaded Chip Carrier (measured in inches)
.050
REF
.042
.048
1.150
1.156
1.185
1.195
1.150
1.156
1.185
1.195
.042
.056
.165
.180
.090
.130
.007
.013
1.000
REF
.013
.021
1.090
1.130
.020
MIN
.025
.045
09980B
CG08 PL 084
8/14/92 c dc
R
TOP VIEW
SIDE VIEW
.026
.032
* For reference only. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63