Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM53C94JC Fiches technique(PDF) 5 Page - Advanced Micro Devices

No de pièce AM53C94JC
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94JC Fiches technique(HTML) 5 Page - Advanced Micro Devices

  AM53C94JC Datasheet HTML 1Page - Advanced Micro Devices AM53C94JC Datasheet HTML 2Page - Advanced Micro Devices AM53C94JC Datasheet HTML 3Page - Advanced Micro Devices AM53C94JC Datasheet HTML 4Page - Advanced Micro Devices AM53C94JC Datasheet HTML 5Page - Advanced Micro Devices AM53C94JC Datasheet HTML 6Page - Advanced Micro Devices AM53C94JC Datasheet HTML 7Page - Advanced Micro Devices AM53C94JC Datasheet HTML 8Page - Advanced Micro Devices AM53C94JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
P R E L I M I N A R Y
AMD
5
Am53C94/Am53C96
BLOCK DIAGRAM
16506C-7
18
18
16 x 9 FIFO
(including parity)
Parity Logic
8
8
8
9
CLK
6
4
DMA
15-0
DMAP
1-0
DMA Control
AD
7-0
Host Control
BUSMD1-0
RESET
CS
9
SCSI Control
SCSI Bus
Data + Parity
(Single Ended)
Main
Sequencer
SCSI
Sequencer
Register
Bank
DFMODE
9
SCSI Bus
Data + Parity
Direction Control
7
SCSI Control
Direction Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63