| Moteur de recherche de fiches techniques de composants électroniques |
|
SN54HC08VTDF2.A Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54HC08VTDF2.A Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 6 page ![]() SN54HC08-DIE www.ti.com SCLS734 – JUNE 2013 RAD-TOLERANT SPACE GRADE DIE, QUADRUPLE 2-INPUT POSITIVE-AND GATES Check for Samples: SN54HC08-DIE 1 FEATURES • Wide Operating Voltage Range • Outputs Can Drive Up To 10 LSTTL Loads • Low Power Consumption • Typical tpd = 8 ns • Low Input Current DESCRIPTION The SN54HC08-DIE device contains four independent 2-input AND gates. Each gate performs the Boolean function of Y = A • B or Y = A + B in positive logic. ORDERING INFORMATION(1) PACKAGE PRODUCT PACKAGE ORDERABLE PART NUMBER PACKAGE QUANTITY DESIGNATOR SN54HC08VTDF1 100 SN54HC08V TD Bare die in waffle pack(2) SN54HC08VTDF2 10 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Processing is per the Texas Instruments space production baseline and is in compliance with the Texas Instruments Quality Control System in effect at the time of manufacture. Electrical screening consists of DC parametric and functional testing at room temperature only. Unless otherwise specified by Texas Instruments AC performance and performance over temperature is not warranted. Visual Inspection is performed in accordance with MIL-STD-883 Test Method 2010 Condition B at 75X minimum. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas On products compliant to MIL-PRF-38535, all parameters are Instruments standard warranty. Production processing does not tested unless otherwise noted. On all other products, production necessarily include testing of all parameters. processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN54HC08VTDF2.A |
|
Description similaire - SN54HC08VTDF2.A |