Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFP2WSATA Fiches technique(PDF) 6 Page - YAGEO Corporation

No de pièce MFP2WSATA
Description  Through Hole Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAGEO [YAGEO Corporation]
Site Internet  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MFP2WSATA Fiches technique(HTML) 6 Page - YAGEO Corporation

Back Button MFP2WSATA Datasheet HTML 2Page - YAGEO Corporation MFP2WSATA Datasheet HTML 3Page - YAGEO Corporation MFP2WSATA Datasheet HTML 4Page - YAGEO Corporation MFP2WSATA Datasheet HTML 5Page - YAGEO Corporation MFP2WSATA Datasheet HTML 6Page - YAGEO Corporation MFP2WSATA Datasheet HTML 7Page - YAGEO Corporation MFP2WSATA Datasheet HTML 8Page - YAGEO Corporation MFP2WSATA Datasheet HTML 9Page - YAGEO Corporation MFP2WSATA Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.yageo.com
Jul. 14, 2022 V.0
Metal Film Resistors
6
13
Product Specification
MFP
Through Hole Resistors
Unit: mm
Normal
Miniature
a
A
B1-B2 (Max.) S (spacing)
T (max. deviation of
spacing)
MFP-12
MFP25S
6 ± 0.5
52.4 ± 1.5
1.2
5
1 mm per 10 spacing,
0.5 mm per 5 spacing
26.0 ± 1.5
1
MFP204
-
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP-25
MFP50S
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP207
-
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1
MFP-50
MFP1WS
6 ± 0.5
52.4 ± 1.5
1.2
5
MFP100
MFP2WS
6 ± 0.5
73.0 ± 1.5
1.5
5
52.4 ± 1.5
1.2
MFP200
MFP3WS
6 ± 0.5
73.0 ± 1.5
1.5
10
52.4 ± 1.5
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13