| Moteur de recherche de fiches techniques de composants électroniques |
|
PTH03060WAST Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH03060WAST Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 19 page ![]() Application Notes For technical support and further information visit http://power.ti.com PTH03060W & PTH05060W Table 2-1: Input/Output Capacitors e p y T , r o d n e V r o t i c a p a C ) e l y t S ( s e i r e S s c i t s i r e t c a r a h C r o t i c a p a Cy t i t n a u Q g n i k r o W e g a t l o V ) F µ ( e u l a VR S E . x a M z H k 0 0 1 t a e l p p i R . x a M C ° 5 8 t a t n e r r u C ) s m r I ( e z i S l a c i s y h P ) m m ( t u p n I s u B t u p t u O s u B r e b m u N t r a P r o d n e V m u n i m u l A , c i n o s a n a P ) l a i d a R ( C F ) D M S ( K F C F( D M S) V 0 1 V 5 2 V 6 1 0 3 3 0 7 4 0 3 3 7 1 1 . 0 Ω 0 8 0 . 0 Ω 0 5 1 . 0 Ω A m 5 5 5 A m 0 5 8 A m 0 7 6 8 × 0 1 0 1 × 2 . 0 1 0 1 × 2 . 0 1 1 1 1 1 1 1 1 3 3 A 1 C F U E E P 1 7 4 E 1 K F V E E P 1 3 3 C 1 C F V E E d e t i n Un o c - i m e h C ) D M S ( m u n i m u l A - y l o P , A X P ) l a i d a R ( m u n i m u l A - y l o P , S P ) l a i d a R ( n o c - s O , X F ) l a i d a R ( m u n i m u l A , Z X L V 0 1 V 3 . 6 V 0 1 V 6 1 0 3 3 0 9 3 0 9 3 0 3 3 4 2 0 . 0 Ω 2 1 0 . 0 Ω 8 1 0 . 0 Ω 0 2 1 . 0 Ω A m 0 7 7 3 A m 0 7 7 4 A m 0 1 7 3 A m 5 5 5 0 1 × 7 . 7 8 × 5 . 1 1 8 × 5 . 0 1 8 × 5 . 2 1 1 1 1 1 ≤4 ≤2 ≤3 1 P T 0 8 J M 1 3 3 C V 0 1 A X P 1 1 H M 0 9 3 S P 6 M 0 9 3 X F 0 1 L L 2 1 X 8 M 1 3 3 B V 6 1 Z X L m u n i m u l A , n o c i h c i N ) D M S ( G W ) l l a i d a R ( D H ) l a i d a R ( M P V 5 2 V 6 1 V 6 1 0 3 3 0 3 3 0 3 3 0 5 1 . 0 Ω 2 7 0 . 0 Ω 0 2 1 . 0 Ω A m 0 7 6 A m 0 6 7 A m 5 2 6 0 1 × 0 1 8 × 5 . 1 1 0 1 × 5 . 2 1 1 1 1 1 1 1 S G 1 R N M 1 3 3 E 1 G W U R P M 1 3 3 A 1 D H U 6 H P M 1 3 3 C 1 M P U : m u n i m u l A - y l o P , c i n o s a n a P ) D M S ( A W ) D M S ( E S / S V 0 1 V 3 . 6 0 3 3 0 8 1 2 2 0 . 0 Ω 5 0 0 . 0 Ω A m 0 0 5 4 A m 0 0 0 4 0 1 × 2 . 0 1 3 . 7 × 3 . 4 × 2 . 4 1 2 ≤4 ≤1 P 1 3 3 A 1 A W F E E R 1 8 1 J 0 E S F E E o y n a S ) l a i d a R ( n o c - s O , P S ( , P V SD M S) ) D M S ( p a c s o P , E P T V 0 1 V 0 1 V 3 . 6 0 7 4 0 3 3 0 3 3 5 1 0 . 0 Ω 7 1 0 . 0 Ω 5 2 0 . 0 Ω A m 0 0 5 4 A m 0 5 9 3 A m 0 0 4 2 0 1 × 5 . 0 1 8 × 2 1 3 . 7 × 3 . 4 1 1 1 ≤2 ≤3 ≤4 M 0 7 4 P S 0 1 M 0 3 3 P V S 0 1 L M 0 3 3 E P T 6 ( S P T m u l a t n a T , X V ASMD) V 0 1 V 0 1 0 3 3 0 3 3 5 4 0 . 0 Ω 0 6 0 . 0 Ω A m 3 2 7 1 A m 6 2 8 1 L 3 . 7 × W 7 . 5 × H 1 . 4 1 1 ≤5 ≤5 5 4 0 0 R 0 1 0 M 7 3 3 E S P T 0 6 0 0 R 0 1 0 M 7 3 3 V S P T m u l a t n a T - y l o P , t e m e K ) D M S ( , 0 2 5 T ) D M S ( . 0 3 5 T V 0 1 V 0 1 0 3 3 0 3 3 0 4 0 . 0 Ω 5 1 0 . 0 Ω A m 0 0 8 1 A m 0 0 8 3 > W 3 . 4 × L 3 . 7 × H 0 . 4 1 1 1 1 S A 0 1 0 M 7 3 3 X 0 2 5 T S A 0 1 0 M 7 3 3 X 0 3 5 T e u g a r p S - y a h s i V ) D M S ( m u l a t n a T , D 5 9 5 ) D M S ( m u l a t n a T , D 4 9 5 ) l a i d a R ( m u n i m u l A - y l o P A S 4 9 V 0 1 V 0 1 V 3 . 6 0 3 3 0 3 3 0 3 3 0 0 1 . 0 Ω 5 4 0 . 0 Ω 5 2 0 . 0 Ω A m 0 4 0 1 A m 0 6 3 2 A m 0 0 5 3 L 2 . 7 × W 6 × H 1 . 4 0 1 × 5 . 0 1 1 1 1 ≤5 ≤5 ≤4 T 2 D 0 1 0 0 X 7 3 3 D 5 9 5 T 2 R 6 1 0 0 X 7 3 3 D 4 9 5 P B F 3 R 6 0 X 7 3 3 A S 4 9 ) D M S ( R 5 X c i m a r e C , t e m e KV 6 1 V 3 . 6 0 1 7 4 2 0 0 . 0 Ω —e s a c 0 1 2 1 m m 5 2 2 3 1 1 ≤5 ≤5 C A P 4 M 6 0 1 C 0 1 2 1 C C A P 9 K 6 7 4 C 0 1 2 1 C c i m a r e C , a t a r u MR 5 X) D M S (V 3 . 6 V 3 . 6 V 6 1 V 6 1 0 0 1 7 4 2 2 0 1 2 0 0 . 0 Ω —e s a c 0 1 2 1 m m 5 2 2 3 1 ] 1 [ 1 ] 1 [ 1 ] 1 [ 1 ] 1 [ 3 ≤ ≤5 ≤5 ≤5 M 7 0 1 J 0 6 R E 2 3 M R G M 6 7 4 J 0 6 R E 2 3 M R G K 6 2 2 C 1 6 R E 2 3 M R G K 6 0 1 C 1 6 R D 2 3 M R G c i m a r e C , K D TR 5 X) D M S (V 3 . 6 V 3 . 6 V 6 1 V 6 1 0 0 1 7 4 2 2 0 1 2 0 0 . 0 Ω —e s a c 0 1 2 1 m m 5 2 2 3 1 ] 1 [ 1 ] 1 [ 1 ] 1 [ 1 ] 1 [ 3 ≤ ≤5 ≤5 ≤5 T M 7 0 1 J 0 R 5 X 5 2 2 3 C T M 6 7 4 J 0 R 5 X 5 2 2 3 C T M 6 2 2 C 1 R 5 X 5 2 2 3 C T M 6 0 1 C 1 R 5 X 5 2 2 3 C [1] A ceramic capacitor may be used to compliment electrolytic types at the input to further reduce high-frequency ripple current. |