Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1607 Fiches technique(PDF) 2 Page - TDK Electronics

No de pièce SD1607
Description  Electromagnetic buzzers Pin terminal(Without oscillator circuit)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

SD1607 Fiches technique(HTML) 2 Page - TDK Electronics

  SD1607 Datasheet HTML 1Page - TDK Electronics SD1607 Datasheet HTML 2Page - TDK Electronics SD1607 Datasheet HTML 3Page - TDK Electronics SD1607 Datasheet HTML 4Page - TDK Electronics SD1607 Datasheet HTML 5Page - TDK Electronics SD1607 Datasheet HTML 6Page - TDK Electronics SD1607 Datasheet HTML 7Page - TDK Electronics SD1607 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(2/8)
20170901 / electromagnetic_buzzer_sd_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
BUZZERS
Electromagnetic buzzers
Pin terminal(Without oscillator circuit)
PRODUCT LINEUP
RECOMMENDED OPERATING CIRCUIT EXAMPLE
Overview of the SD series
Type
Part No.
Outside dimensions
Characteristics
Rated voltage
Outside
diameter
(mm)
Height
(mm)
Terminal
pitch
(mm)
Sound pressure
dB(A)/10cm
Frequency
(Hz)
Eo-p
(V)
SD1209
SD1209T3-A1
(applicable to automobile)
ø12
9
5
80
2048
3
SD1209T5-A1
(applicable to automobile)
ø12
9
5
80
2048
5
SD1209TT-A1
(applicable to automobile)
ø12
9
5
85
2048
12
SD1607
SD160701
ø16
7
5
80
4096
3
SD160709
ø16
7
5
80
4096
5
SD1614
SD1614T5-A1
ø16
14
5
85
2048
5
SD1614TT-A1
ø16
14
5
85
2048
12
SD1614TT-A5ME
(applicable to automobile)
ø16
14
5
85
2048
12
Product compatible with RoHS directive
VCC
Buzzer
R
Q
Oscillator
circuit
RoHS Directive Compliant Product: See the following for more details. https://product.tdk.com/info/en/environment/rohs/index.html



Html Pages

1 2 3 4 5 6 7 8