Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX374M Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 74LCX374M
Description  OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX374M Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button 74LCX374M Datasheet HTML 2Page - STMicroelectronics 74LCX374M Datasheet HTML 3Page - STMicroelectronics 74LCX374M Datasheet HTML 4Page - STMicroelectronics 74LCX374M Datasheet HTML 5Page - STMicroelectronics 74LCX374M Datasheet HTML 6Page - STMicroelectronics 74LCX374M Datasheet HTML 7Page - STMicroelectronics 74LCX374M Datasheet HTML 8Page - STMicroelectronics 74LCX374M Datasheet HTML 9Page - STMicroelectronics 74LCX374M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TEST CIRCUIT
T EST
SW IT CH
tPLH,tPHL
Open
tPZL,tPLZ
6V
tPZH,tPHZ
GND
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM 1: PROPAGATION DELAYS, SETUP AND HOLD TIMES (f=1MHz; 50% duty cicle)
74LCX374
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10