Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K3HB-R Fiches technique(PDF) 15 Page - Omron Electronics LLC

No de pièce K3HB-R
Description  Rotary Pulse Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K3HB-R Fiches technique(HTML) 15 Page - Omron Electronics LLC

Back Button K3HB-R Datasheet HTML 9Page - Omron Electronics LLC K3HB-R Datasheet HTML 10Page - Omron Electronics LLC K3HB-R Datasheet HTML 11Page - Omron Electronics LLC K3HB-R Datasheet HTML 12Page - Omron Electronics LLC K3HB-R Datasheet HTML 13Page - Omron Electronics LLC K3HB-R Datasheet HTML 14Page - Omron Electronics LLC K3HB-R Datasheet HTML 15Page - Omron Electronics LLC K3HB-R Datasheet HTML 16Page - Omron Electronics LLC K3HB-R Datasheet HTML 17Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
K3HB-R
Main Functions
■ Main Functions and Features
Measurement
The K3HB-R has the following six functions for receiving and
displaying input pulses.
F1: Rotation (rpm)/circumferential speed
F2: Absolute ratio
F3: Error ratio
F4: Rotational difference
F5: Flow rate ratio
F6: Passing time
The K3HB-P has the following six functions for receiving and
displaying input pulses.
F1: Passing speed
F2: Cycle
F3: Time difference
F4: Time band
F5: Measuring length
F6: Interval
The K3HB-C has the following three functions for receiving and
displaying input pulses.
F1: Individual inputs
F2: Phase differential inputs
F3: Pulse counting input
Filters
Average processing of input signals with extreme changes or noise
smooths out the display and makes control stable.
Specify the types of sensor connected to input A and input B.
Input Compensation
The frequency is forced to zero if there is no pulse input for a set
period.
Key Operations
The present measurement value can be used as a scaling value.
Key protection restricts level or parameter changes using the keys to
prevent unintentional key operations and malfunctions.
Function
func
Average Processing
avg-t, avg-n
Input Types
in-ta, in-tb
Auto-zero Times
at.za, at.zb
Teaching
Key Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17