Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT74M Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce 74ACT74M
Description  DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT74M Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button 74ACT74M Datasheet HTML 3Page - STMicroelectronics 74ACT74M Datasheet HTML 4Page - STMicroelectronics 74ACT74M Datasheet HTML 5Page - STMicroelectronics 74ACT74M Datasheet HTML 6Page - STMicroelectronics 74ACT74M Datasheet HTML 7Page - STMicroelectronics 74ACT74M Datasheet HTML 8Page - STMicroelectronics 74ACT74M Datasheet HTML 9Page - STMicroelectronics 74ACT74M Datasheet HTML 10Page - STMicroelectronics 74ACT74M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
74ACT74
9/12
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b0.5
0.020
b1
0.25
0.010
D20
0.787
E8.5
0.335
e2.54
0.100
e3
15.24
0.600
F7.1
0.280
I5.1
0.201
L3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
Plastic DIP-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11