| Moteur de recherche de fiches techniques de composants électroniques |
|
PCM1748KE/2K.B Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1748KE/2K.B Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 40 page ![]() www.ti.com DREV – Output Phase Select ZREV – Zero-Flag Polarity Select AZRO – Zero-Flag Function Select PCM1748 SBAS165B – MAY 2001 – REVISED APRIL 2005 B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 REGISTER 22 0 IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0 RSV RSV RSV RSV RSV AZRO ZREV DREV Default value: 0 DREV = 0 Normal output (default) DREV = 1 Inverted output The DREV bit is used to set the output phase of VOUTL and VOUTR. Default value: 0 ZREV = 0 Zero-flag pins HIGH at a zero detect (default) ZREV = 1 Zero-flag pins LOW at a zero detect The ZREV bit allows the user to select the active polarity of zero-flag pins. Default value: 0 AZRO = 0 L-/R-channel independent zero flags (default) Pin 11: ZEROR = zero-flag output for R-channel Pin 12: ZEROL = zero flag output for L-channel AZRO = 1 L-/R-channel common zero flag Pin 11: ZEROA = zero flag output for L-/R-channel Pin 12: NA, not assigned The AZRO bit allows the user to select the function of the zero-flag pins 21 |