Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCM1748 Fiches technique(PDF) 21 Page - Texas Instruments

No de pièce PCM1748
Description  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button PCM1748 Datasheet HTML 17Page - Texas Instruments PCM1748 Datasheet HTML 18Page - Texas Instruments PCM1748 Datasheet HTML 19Page - Texas Instruments PCM1748 Datasheet HTML 20Page - Texas Instruments PCM1748 Datasheet HTML 21Page - Texas Instruments PCM1748 Datasheet HTML 22Page - Texas Instruments PCM1748 Datasheet HTML 23Page - Texas Instruments PCM1748 Datasheet HTML 24Page - Texas Instruments PCM1748 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
www.ti.com
DREV – Output Phase Select
ZREV – Zero-Flag Polarity Select
AZRO – Zero-Flag Function Select
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 22
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
AZRO
ZREV
DREV
Default value: 0
DREV = 0
Normal output (default)
DREV = 1
Inverted output
The DREV bit is used to set the output phase of VOUTL and VOUTR.
Default value: 0
ZREV = 0
Zero-flag pins HIGH at a zero detect (default)
ZREV = 1
Zero-flag pins LOW at a zero detect
The ZREV bit allows the user to select the active polarity of zero-flag pins.
Default value: 0
AZRO = 0
L-/R-channel independent zero flags (default)
Pin 11: ZEROR = zero-flag output for R-channel
Pin 12: ZEROL = zero flag output for L-channel
AZRO = 1
L-/R-channel common zero flag
Pin 11: ZEROA = zero flag output for L-/R-channel
Pin 12: NA, not assigned
The AZRO bit allows the user to select the function of the zero-flag pins
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40