Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9252T/ML Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce LAN9252T/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252T/ML Fiches technique(HTML) 12 Page - Microchip Technology

Back Button LAN9252T/ML Datasheet HTML 8Page - Microchip Technology LAN9252T/ML Datasheet HTML 9Page - Microchip Technology LAN9252T/ML Datasheet HTML 10Page - Microchip Technology LAN9252T/ML Datasheet HTML 11Page - Microchip Technology LAN9252T/ML Datasheet HTML 12Page - Microchip Technology LAN9252T/ML Datasheet HTML 13Page - Microchip Technology LAN9252T/ML Datasheet HTML 14Page - Microchip Technology LAN9252T/ML Datasheet HTML 15Page - Microchip Technology LAN9252T/ML Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 329 page
background image
LAN9252
DS00001909A-page 12
 2015 Microchip Technology Inc.
Table 3-1 details the 64-QFN package pin assignments in table format. As shown, select pin functions may change
based on the device’s mode of operation. For modes where a specific pin has no function, the table cell will be marked
with “-”.
TABLE 3-1:
64-QFN PACKAGE PIN ASSIGNMENTS
Pin
Number
HBI Indexed
Mode Pin Name
HBI Multiplexed
Mode Pin Name
Digital I/O
Mode Pin Name
SPI with GPIO
Mode Pin Name
SPI with MII
Mode Pin Name
1
OSCI
2
OSCO
3
OSCVDD12
4
OSCVSS
5
VDD33
6
VDDCR
7
REG_EN
8
FXLOSEN
9
FXSDA/FXLOSA/FXSDENA
10
FXSDB/FXLOSB/FXSDENB
11
RST#
12
D2
AD2
SOF
SIO2
13
D1
AD1
EOF
SO/SIO1
14
VDDIO
15
D14
AD14
DIGIO8
GPI8/GPO8
MII_TXD3/
TX_SHIFT1
16
D13
AD13
DIGIO7
GPI7/GPO7
MII_TXD2/
TX_SHIFT0
17
D0
AD0
WD_STATE
SI/SIO0
18
SYNC1/LATCH1
19
D9
AD9
LATCH_IN
SCK
20
VDDIO
21
D12
AD12
DIGIO6
GPI6/GPO6
MII_TXD1
22
D11
AD11
DIGIO5
GPI5/GPO5
MII_TXD0
23
D10
AD10
DIGIO4
GPI4/GPO4
MII_TXEN
24
VDDCR
25
A1
ALELO
OE_EXT
-
MII_CLK25
26
A3
-
DIGIO11
GPI11/GPO11
MII_RXDV
27
A4
-
DIGIO12
GPI12/GPO12
MII_RXD0
28
CS
DIGIO13
GPI13/GPO13
MII_RXD1
29
A2
ALEHI
DIGIO10
GPI10/GPO10
LINKACTLED2/
MII_LINKPOL
30
WR/ENB
DIGIO14
GPI14/GPO14
MII_RXD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More