| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9252 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 329 page ![]() 2015 Microchip Technology Inc. DS00001909A-page 13 LAN9252 31 RD/RD_WR DIGIO15 GPI15/GPO15 MII_RXD3 32 VDDIO 33 A0/D15 AD15 DIGIO9 GPI9/GPO9 MII_RXER 34 SYNC0/LATCH0 35 D3 AD3 WD_TRIG SIO3 36 D6 AD6 DIGIO0 GPI0/GPO0 MII_RXCLK 37 VDDIO 38 VDDCR 39 D7 AD7 DIGIO1 GPI1/GPO1 MII_MDC 40 D8 AD8 DIGIO2 GPI2/GPO2 MII_MDIO 41 TESTMODE 42 EESDA/TMS 43 EESCL/TCK 44 IRQ 45 RUNLED/E2PSIZE 46 LINKACTLED1/TDI/CHIP_MODE1 47 VDDIO 48 LINKACTLED0/TDO/CHIP_MODE0 49 D4 AD4 DIGIO3 GPI3/GPO3 MII_LINK 50 D5 AD5 OUTVALID SCS# 51 VDD33TXRX1 52 TXNA 53 TXPA 54 RXNA 55 RXPA 56 VDD12TX1 57 RBIAS 58 VDD33BIAS 59 VDD12TX2 60 RXPB 61 RXNB 62 TXPB 63 TXNB 64 VDD33TXRX2 Exposed Pad VSS TABLE 3-1: 64-QFN PACKAGE PIN ASSIGNMENTS (CONTINUED) Pin Number HBI Indexed Mode Pin Name HBI Multiplexed Mode Pin Name Digital I/O Mode Pin Name SPI with GPIO Mode Pin Name SPI with MII Mode Pin Name |