| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3992 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3992 Fiches technique(HTML) 10 Page - Texas Instruments |
|
10 / 23 page ![]() IN VBG + GND OUT VIH + CAP LP3992 HI = ON LOW = OFF Fast Turnoff Current Limit Thermal Limit SD EN LP3992 SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015 www.ti.com 8 Detailed Description 8.1 Overview The LP3992 device is a CMOS voltage regulator with a low-input operating-voltage tolerance. Key protection circuits, including thermal-overload and short-circuit protection, are integrated in the device. Using the EN pin, the device may be controlled to provide a SHUTDOWN state, in which negligible supply current is drawn. The LP3992 is designed to be stable with space-saving ceramic capacitors. 8.2 Functional Block Diagram 10 Submit Documentation Feedback Copyright © 2002–2015, Texas Instruments Incorporated Product Folder Links: LP3992 |