| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3923 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3923 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() 100 0.247 1.729 700 1200 2.964 CHARGE CURRENT (mA) LP3923 www.ti.com SNVS567B – APRIL 2010 – REVISED MAY 2013 IMON CHARGING CURRENT MONITOR Charging current is monitored within the charger section and a proportional voltage representation of the charging current is presented at the IMON output pin. The output voltage relationship to the actual charging current is represented in the following graph and by the equation: VIMON(mV) = (2.47 x ICHG(mA)) (1) Figure 4. Note that this function is not available if there is no input at CHG_IN or if the charger is off due to the input at CHG_IN being less than the compliance voltage. Copyright © 2010–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: LP3923 |