| Moteur de recherche de fiches techniques de composants électroniques |
|
PPN Fiches technique(PDF) 4 Page - ABL Aluminium Components Ltd |
|
|
|||||||||||||||||||||||||||||
PPN Fiches technique(HTML) 4 Page - ABL Aluminium Components Ltd |
|
4 / 6 page ![]() CUSTOM DESIGN PRODUCT RANGE In addition to our extensive range of heatsinks we manufacture components that are complimentary to the Electronics and Telecommunications Industries. Typical items of this nature include:- MODEM CASES, FRONT & REAR PANELS, ELECTRONIC ENCLOSURES, CHASSIS ETC. MANUFACTURING AND FINISHING FACILITIES I FREE ISSUE OR TOTAL SUPPLY CAPACITY. I AUTOMATIC AND MANUAL SAW CUTTING. I CNC MACHINING, DRILLING AND TAPPING. I PRESSWORK, FORMING AND BENDING. I BRUSH AND VIBRO DEBURRING. I SULPHURIC AND CHROMIC ANODISING. I POWDER AND WET SPRAY PAINTING. I WET SPRAY PAINTING ON PLASTICS. I ALOCROM 1000 AND 1200 FINISHES. I ASSEMBLY WORK I SPECIAL PACKING I TOOL AND JIG MAKING. For those customers that require their own specific heatsink we can offer facilities for design, technical drawing and prototype manufacture. Performance figures are shown as an indication of a heatsinks actual performance. It is recommended that the effectiveness of any heatsink is tested in the specific operating environment in which it will be subjected 5 PRINT INDEX |