Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CLIP 01 Fiches technique(PDF) 5 Page - ABL Aluminium Components Ltd

No de pièce CLIP 01
Description  HEATSINK SELECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABL [ABL Aluminium Components Ltd]
Site Internet  https://www.ablcomponents.co.uk/
Logo ABL - ABL Aluminium Components Ltd

CLIP 01 Fiches technique(HTML) 5 Page - ABL Aluminium Components Ltd

  CLIP 01 Datasheet HTML 1Page - ABL Aluminium Components Ltd CLIP 01 Datasheet HTML 2Page - ABL Aluminium Components Ltd CLIP 01 Datasheet HTML 3Page - ABL Aluminium Components Ltd CLIP 01 Datasheet HTML 4Page - ABL Aluminium Components Ltd CLIP 01 Datasheet HTML 5Page - ABL Aluminium Components Ltd CLIP 01 Datasheet HTML 6Page - ABL Aluminium Components Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPRING CLIPS
PRODUCT RANGE
Using our spring clips to fix plastic packages eg. TO220 and TO3P type devices offers several advantages over
conventional methods:-
I OPTIMISES THERMAL TRANSFER.
I SAVES TIME.
I SAVES COST.
I REDUCES INVENTORY.
I ENABLES SINGLE SUPPLY SOURCE FOR
HEATSINKS AND CLIPS.
SEE BOARD MOUNTING SERIES FOR MORE DETAILS.
Performance figures are shown as an indication of a heatsinks actual performance. It is recommended that the effectiveness of any
heatsink is tested in the specific operating environment in which it will be subjected
6
PRINT
INDEX



Html Pages

1 2 3 4 5 6