| Moteur de recherche de fiches techniques de composants électroniques |
|
LOG104AID Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LOG104AID Fiches technique(HTML) 8 Page - Texas Instruments |
|
8 / 16 page ![]() www.ti.com LOG104 8 SBOS243C A 2 A 1 I 1 Q 1 Q 2 V OUT = (0.5V) LOG I 1 I 2 I 2 I 1 I 2 ++ –– R 2 V OUT V L R 1 V BE1 V BE2 also VV RR R V RR R nV I I OUT L OUT T = + = + 12 1 12 1 1 2 log VV I I OUT = 05 1 2 . • log Using the base-emitter voltage relationship of matched bipolar transistors, the LOG104 establishes a logarith- mic function of input current ratios. Beginning with the base-emitter voltage defined as: VV I I where V kT q BE T C S T == ln : k = Boltzmann’s constant = 1.381 • 10–23 T = Absolute temperature in degrees Kelvin q = Electron charge = 1.602 • 10–19 Coulombs IC = Collector current IS = Reverse saturation current From the circuit in Figure 11, we see that: VV V LBE BE = 12 – Substituting (1) into (2) yields: VV I I V I I LT S T S = 1 1 1 2 2 2 ln – ln If the transistors are matched and isothermal and VTI = VT2, then (3) becomes: VV I I I I VV I I and ce xx Vn V I I LT SS LT LT = = = = 1 12 1 2 10 1 2 23 ln – ln ln sin ln . log log where n = 2.3 INSIDE THE LOG104 (1) (2) (3) (4) (5) (6) (7) (9) (10) (11) FIGURE 11. Simplified Model of a Log Amplifier. (8) or FIGURE 13. Transfer Function with Varying I2 and I1. (5) 3.0 3.5 2.0 2.5 1.0 1.5 0.5 0.0 –3.0 –3.5 –2.0 –2.5 –1.0 –0.5 –1.5 1nA 10nA 100nA 1µ A 10µ A 100 µA 1m A 10mA 100pA I 2 = 100pA I 2 = 1nA I 2 = 10nA I 2 = 100nA I 2 = 1µ A I 2 = 10 µA I 2 = 100 µA I 2 = 1m A I 1 V OUT = (0.5V) • LOG (I1/I2) DEFINITION OF TERMS TRANSFER FUNCTION The ideal transfer function is: VOUT = 0.5V • logI1/I2 See Figure 12 for the graphical representation of the transfer over valid operating range for the LOG104. ACCURACY Accuracy considerations for a log ratio amplifier are some- what more complicated than for other amplifiers. This is because the transfer function is nonlinear and has two inputs, each of which can vary over a wide dynamic range. The accuracy for any combination of inputs is determined from the total error specification. |