Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PRDL18-7DP Fiches technique(PDF) 3 Page - Autonics Corporation

No de pièce PRDL18-7DP
Description  Long distance proximity sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUTONICS [Autonics Corporation]
Site Internet  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PRDL18-7DP Fiches technique(HTML) 3 Page - Autonics Corporation

  PRDL18-7DP Datasheet HTML 1Page - Autonics Corporation PRDL18-7DP Datasheet HTML 2Page - Autonics Corporation PRDL18-7DP Datasheet HTML 3Page - Autonics Corporation PRDL18-7DP Datasheet HTML 4Page - Autonics Corporation PRDL18-7DP Datasheet HTML 5Page - Autonics Corporation PRDL18-7DP Datasheet HTML 6Page - Autonics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D-13
(A)
Photo
electric
sensorr
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Long Distance Type
(unit: mm)
Dimensions
● PRDL(T)12-4D
● PRD(T)18-7D
● PRDL(T)18-7D
● PRD(T)30-15D
● PRDL(T)30-15D
● PRD(T)18-14D
● PRDL(T)18-14D
● PRD(T)30-25D
● PRDL(T)30-25D
ø21
17
64
44
2000
4
ø4
Operation indicator
M12×1
● PRDL(T)12-8D
Operation indicator
ø21
17
64
37
2000
4
ø4
M12×1
7
Operation indicator
ø29
24
53
29.5
2000
4
ø5
M18×1
Operation indicator
ø29
24
53
19
2000
4
ø5
M18×1
10
Operation
indicator
ø29
24
86
62
2000
4
ø5
M18×1
Operation
indicator
ø29
24
86
52
2000
4
ø5
M18×1
10
Operation indicator
ø42
35
62
38
2000
5
ø5
M30×1.5
Operation indicator
ø42
35
62
28
2000
5
ø5
M30×1.5
10
Operation
indicator
M30×1.5
ø42
35
84
60
2000
5
ø5
Operation
indicator
M30×1.5
ø42
35
84
50
2000
5
ø5
10
Operation indicator
ø21
17
52
31.5
300
4
ø4
M12×1
M12
Operation indicator
M12
ø21
17
52
24.5
300
4
ø4
M12×1
7
● PRDW(T)12-4D
● PRDW(T)12-8D



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com