Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM98640CVAL Fiches technique(PDF) 50 Page - Texas Instruments

No de pièce LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Fiches technique(HTML) 50 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 46Page - Texas Instruments LM98640CVAL Datasheet HTML 47Page - Texas Instruments LM98640CVAL Datasheet HTML 48Page - Texas Instruments LM98640CVAL Datasheet HTML 49Page - Texas Instruments LM98640CVAL Datasheet HTML 50Page - Texas Instruments LM98640CVAL Datasheet HTML 51Page - Texas Instruments LM98640CVAL Datasheet HTML 52Page - Texas Instruments LM98640CVAL Datasheet HTML 53Page - Texas Instruments LM98640CVAL Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
50
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
11.1 Engineering Samples
Engineering samples are available for order and are identified by the "MPR" in the orderable device name (see
Packaging Information in the Addendum). Engineering (MPR) samples meet the performance specifications of
the datasheet at room temperature only and have not received the full space production flow or testing.
Engineering samples may be QCI rejects that failed tests that would not impact the performance at room
temperature, such as radiation or reliability testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55