Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3535TMX/NOPB Fiches technique(PDF) 33 Page - Texas Instruments

No de pièce LM3535TMX/NOPB
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB Fiches technique(HTML) 33 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 33Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 34Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 35Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Oct-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM3535TME/NOPB
DSBGA
YFQ
20
250
178.0
8.4
1.89
2.2
0.76
4.0
8.0
Q1
LM3535TMX/NOPB
DSBGA
YFQ
20
3000
178.0
8.4
1.89
2.2
0.76
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36